Part Number Hot Search : 
HC541 KBPC2500 MSKW2022 MSMA151 4CBTLV3 Z1024DI TA1190A IPB80N06
Product Description
Full Text Search
 

To Download LC37G-183C160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COPAL ELECTRONICS
DC GEARED MOTORS
LC30G191C
LC37G-183C
Weight : approx. 220 g Gear ratio 1/10
Weight : approx. 180 g Gear ratio 1/10
PART NUMBER DESIGNATION
L C 3 7 G - 1 8 3 C 1/1 0
Series name
LC30G191C DC 24 V LC37G-183C DC 24 V 1/10 1/30 1/60 1/100 1/150
Gear ratio
1/300 1/500 1/1000 1/1500
LIST OF PART NUMBERS
Gear ratio 1/10 1/30 1/60 1/100 1/150 1/300 1/500 1/1000 1/1500 A A A A Part number LC30G191C 1/10 LC30G191C 1/30 LC30G191C 1/60 LC30G191C 1/100 LC30G191C 1/150 LC30G191C 1/300 LC30G191C 1/500 LC30G191C 1/1000 LC30G191C 1/1500 A A A A Part number LC37G-183C 1/10 LC37G-183C 1/30 LC37G-183C 1/60 LC37G-183C 1/100 LC37G-183C 1/150 LC37G-183C 1/300 LC37G-183C 1/500 LC37G-183C 1/1000 LC37G-183C 1/1500
Verify the above part numbers when placing orders. A
The products indicated by A mark are manufactured upon receipt of order basis.
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
LC30G/LC37G DC GEARED MOTORS
STANDARD SPECIFICATIONS

Part number LC30G191C LC37G-183C Rated voltage 24 V 24 V Rated torque 9.81 mN*m 4.9 mN*m Rated speed 5400 min 5200 min
-1
Rated current 500 mA 350 mA
No load speed 7000 min 7400 min
-1
No load current 60 mA 70 mA
Starting torque 34.32 mN*m 11.76 mN*m
Starting current 1500 mA 600 mA
-1
-1
LC30G191C
Gear ratio Rated torque
1/10 1/30 1/60 1/100 1/150 1/300 1/500 1/1000 1/1500
LC37G-183C
Gear ratio Rated torque
6.5 0.2 7 4.4 0.15 4.5
1/10 1/30 1/60 1/100 1/150 1/300 1/500 1/1000 1/1500
mN*m 98.1 196.1
540 0.65 720 230 190
294.2 100 0.5 120 70 60 40 0.37 47 21 0.23 23
588.4 13 0.25 14
mN*m 29.4 49.0 147.1 196.1 294.2
530 205 94 0.35 700 235 117 70 47 23 57 37 19
588.4 12 0.3 14 7 6.5 4.3 0.13 4.6
Rated speed min-1 Rated current A No load speed min-1
Rated speed min-1 Rated current A No load speed min-1
PERFORMANCE CURVES (Figures in the table are typical values under rated operating condition.)
LC30G191C
Motor only
I N [ mA ] [min-1 ] 2000 8000 [%] 100 I N [ mA ] [min-1 ] 1500 80
24 V T- N
LC37G-183C
Gear ratio 1/100
I N [mA] [min-1 ] 800 8000
Motor only
[%] 100 I N [mA] [min-1 ] 800 80
Gear ratio 1/100
6000
24
V
T-
N
24
V
T-
I
1000 50 500
60
600
6000
600
60
1000 4000
40
400
4000
50
400
40
2000
20
I 24 V T-
200
2000
200
20
0
19.6
39.2 Torque mN*m
0
490
980 Torque mN*m
0
4.9
9.8
14.7 Torque mN*m
0
490
980 Torque mN*m
OUTLINE DIMENSIONS
LC30G191C
3 - M3 (P = 0.5) D = 4 0.5 ( 7.5) 15 12 6.0 A (A + 68.5) 2 45.5 150
(Unit: mm)
LC37G-183C
3 - M3 (P = 0.5) D = 4 ( 7.5) 15 12 6.0 (A + 46.3) 2 A 23.3 150
370.5 0 12 -0.05 0
370.5 0 12 -0.05 0
0.5
6 -0.015
310.2
310.2
Marks A
Gear ratio A
1/10 1/30 1/60 1/100 1/150 1/300 1/500 1/1000 1/1500
19.0
21.5
24.0
26.5
29.0
31.5
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
6 -0.015
36.6
7
30
7


▲Up To Search▲   

 
Price & Availability of LC37G-183C160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X